| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F767NG Datasheet(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767NG Datasheet(HTML) 65 Page - STMicroelectronics |
|
65 / 255 page ![]() DocID029041 Rev 4 65/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Pinouts and pin description 105 3 3 B1 3 3 A1 C12 3 3 A1 PE4 I/O FT - TRACED1, SPI4_NSS, SAI1_FS_A, DFSDM1_DATIN3, FMC_A20, DCMI_D4, LCD_B0, EVENTOUT - 4 4 B2 4 4 B1 D12 4 4 B1 PE5 I/O FT - TRACED2, TIM9_CH1, SPI4_MISO, SAI1_SCK_A, DFSDM1_CKIN3, FMC_A21, DCMI_D6, LCD_G0, EVENTOUT - 5 5 B3 5 5 B2 E11 5 5 B2 PE6 I/O FT - TRACED3, TIM1_BKIN2, TIM9_CH2, SPI4_MOSI, SAI1_SD_A, SAI2_MCLK_B, FMC_A22, DCMI_D7, LCD_G1, EVENTOUT - - - - - - G6 - - - G6 VSS S - - - - - - - - - F5 - - - F5 VDD S - - - - 6 6 C1 6 6 C1 C13 6 6 C1 VBAT S - - - - - - D2 7 7 C2 NC 7 7 C2 PI8 I/O FT (2) EVENTOUT RTC_TAMP 2/RTC_TS/ WKUP5 7 7 D1 8 8 D1 D13 8 8 D1 PC13 I/O FT (2) EVENTOUT RTC_TAMP 1/RTC_TS/ RTC_OUT/ WKUP4 8 8 E1 9 9 E1 E12 9 9 E1 PC14- OSC32_I N I/O FT (2) (3) EVENTOUT OSC32_IN 9 9 F1 10 10 F1 E13 10 10 F1 PC15- OSC32_O UT I/O FT (2) (3) EVENTOUT OSC32_OU T - - - - - G5 - - - G5 VDD S - - - - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |