| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L151RC-A Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L151RC-A Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 134 page ![]() DocID026119 Rev 6 41/134 STM32L151xC/C-A STM32L152xC/C-A Pin descriptions 54 53 K7 - - - PF13 I/O FT PF13 - ADC_IN3b 54 J8 - - - PF14 I/O FT PF14 - ADC_IN6b 55 J9 - - - PF15 I/O FT PF15 - ADC_IN7b 56 H9 - - - PG0 I/O FT PG0 - ADC_IN8b 57 G9 - - - PG1 I/O FT PG1 - ADC_IN9b 58 M7 38 - - PE7 I/O TC PE7 - ADC_IN22/ COMP1_INP 59 L7 39 - - PE8 I/O TC PE8 - ADC_IN23/ COMP1_INP 60 M8 40 - - PE9 I/O TC PE9 TIM2_CH1_ETR ADC_IN24/ COMP1_INP 61 - - - - VSS_7 S- VSS_7 -- 62 - - - - VDD_7 S- VDD_7 -- 63 L8 41 - - PE10 I/O TC PE10 TIM2_CH2 ADC_IN25/ COMP1_INP 64 M9 42 - - PE11 I/O FT PE11 TIM2_CH3 - 65 L9 43 - - PE12 I/O FT PE12 TIM2_CH4/SPI1_NSS - 66 M10 44 - - PE13 I/O FT PE13 SPI1_SCK - 67 M11 45 - - PE14 I/O FT PE14 SPI1_MISO - 68 M12 46 - - PE15 I/O FT PE15 SPI1_MOSI - 69 L10 47 29 G3 PB10 I/O FT PB10 TIM2_CH3/I2C2_SCL/ USART3_TX/ LCD_SEG10 - 70 L11 48 30 F3 PB11 I/O FT PB11 TIM2_CH4/ I2C2_SDA/ USART3_RX/ LCD_SEG11 - 71 F124931 H2 VSS_1 S- VSS_1 -- 72 G12 50 32 H1 VDD_1 S- VDD_1 -- 73 L12 51 33 G2 PB12 I/O FT PB12 TIM10_CH1/I2C2_SMBA/ SPI2_NSS/ I2S2_WS/ USART3_CK/ LCD_SEG12 ADC_IN18/ COMP1_INP Table 8. STM32L151xC/C-A and STM32L152xC/C-A pin definitions (continued) Pins Pin name Main function(2) (after reset) Pin functions Alternate functions Additional functions |