| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F765ZI Datasheet(PDF) 78 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F765ZI Datasheet(HTML) 78 Page - STMicroelectronics |
|
78 / 255 page ![]() Pinouts and pin description STM32F765xx STM32F767xx STM32F768Ax STM32F769xx 78/255 DocID029041 Rev 4 - 89 K14 108 131 N12 G1 112 131 N12 PG4 I/O FT - FMC_A14/FMC_BA0, EVENTOUT - - 90 K13 109 132 N11 G2 113 132 N11 PG5 I/O FT - FMC_A15/FMC_BA1, EVENTOUT - - 91 J15 110 133 J15 G3 114 133 J15 PG6 I/O FT - FMC_NE3, DCMI_D12, LCD_R7, EVENTOUT - - 92 J14 111 134 J14 G4 115 134 J14 PG7 I/O FT - SAI1_MCLK_A, USART6_CK, FMC_INT, DCMI_D13, LCD_CLK, EVENTOUT - - 93 H14 112 135 H14 G5 116 135 H14 PG8 I/O FT - SPI6_NSS, SPDIF_RX2, USART6_RTS, ETH_PPS_OUT, FMC_SDCLK, LCD_G7, EVENTOUT - - 94 G12 113 136 G10 F1 117 136 G10 VSS S - - - - 95 H13 114 137 G11 F2 118 137 G11 VDDUSB S - - - 63 96 H15 115 138 H15 G6 119 138 H15 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2S2_MCK, DFSDM1_CKIN3, USART6_TX, FMC_NWAIT, SDMMC2_D6, SDMMC1_D6, DCMI_D0, LCD_HSYNC, EVENTOUT - 64 97 G15 116 139 G15 F3 120 139 G15 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2S3_MCK, DFSDM1_DATIN3, USART6_RX, FMC_NE1, SDMMC2_D7, SDMMC1_D7, DCMI_D1, LCD_G6, EVENTOUT - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |