| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F768Ax Datasheet(PDF) 93 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F768Ax Datasheet(HTML) 93 Page - STMicroelectronics |
|
93 / 255 page ![]() Port A PA11 - TIM1_C H4 -- - SPI2_NS S/I2S2_ WS UART4_ RX USART1 _CTS - CAN1_R X OTG_FS_ DM - - - LCD_R4 EVEN TOUT PA12 - TIM1_ET R -- - SPI2_SC K/I2S2_ CK UART4_ TX USART1 _RTS SAI2_FS _B CAN1_T X OTG_FS_ DP - - - LCD_R5 EVEN TOUT PA13 JTMS- SWDIO -- - - -- - - - - - --- EVEN TOUT PA14 JTCK- SWCLK -- - - -- - - - - - --- EVEN TOUT PA15 JTDI TIM2_C H1/TIM2 _ETR -- HDMI- CEC SPI1_NS S/I2S1_ WS SPI3_NS S/I2S3_ WS SPI6_NS S UART4_ RTS - - CAN3_TX UART7_ TX -- EVEN TOUT Port B PB0 - TIM1_C H2N TIM3_C H3 TIM8_CH 2N -- DFSDM1 _CKOUT - UART4_ CTS LCD_R3 OTG_HS_ ULPI_D1 ETH_MII_ RXD2 - - LCD_G1 EVEN TOUT PB1 - TIM1_C H3N TIM3_C H4 TIM8_CH 3N -- DFSDM1 _DATIN1 - - LCD_R6 OTG_HS_ ULPI_D2 ETH_MII_ RXD3 - - LCD_G0 EVEN TOUT PB2 - - - - - - SAI1_SD _A SPI3_MO SI/I2S3_ SD QUADSP I_CLK DFSDM1_ CKIN1 - --- EVEN TOUT PB3 JTDO/T RACES WO TIM2_C H2 -- - SPI1_SC K/I2S1_ CK SPI3_SC K/I2S3_ CK - SPI6_SC K - SDMMC2 _D2 CAN3_R X UART7_ RX -- EVEN TOUT PB4 NJTRST - TIM3_C H1 -- SPI1_MI SO SPI3_MI SO SPI2_NS S/I2S2_ WS SPI6_MI SO - SDMMC2 _D3 CAN3_TX UART7_ TX -- EVEN TOUT PB5 - UART5_ RX TIM3_C H2 - I2C1_SM BA SPI1_M OSI/I2S1 _SD SPI3_M OSI/I2S3 _SD - SPI6_MO SI CAN2_R X OTG_HS_ ULPI_D7 ETH_PPS _OUT FMC_SD CKE1 DCMI_D 10 LCD_G7 EVEN TOUT PB6 - UART5_ TX TIM4_C H1 HDMI- CEC I2C1_SC L - DFSDM1 _DATIN5 USART1 _TX - CAN2_T X QUADSPI _BK1_NC S I2C4_SC L FMC_SD NE1 DCMI_D 5 - EVEN TOUT Table 12. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS I2C4/UA RT5/TIM 1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/DFSDM 1/CEC I2C1/2/3/ 4/USART 1/CEC SPI1/I2S 1/SPI2/I2 S2/SPI3/ I2S3/SPI 4/5/6 SPI2/I2S 2/SPI3/I2 S3/SAI1/ I2C4/UA RT4/DF SDM1 SPI2/I2S 2/SPI3/I2 S3/SPI6/ USART1/ 2/3/UART 5/DFSDM 1/SPDIF SPI6/SAI 2/USART 6/UART4/ 5/7/8/OT G_FS/SP DIF CAN1/2/T IM12/13/ 14/QUAD SPI/FMC/ LCD SAI2/QU ADSPI/S DMMC2/D FSDM1/O TG2_HS/ OTG1_FS /LCD I2C4/CAN 3/SDMM C2/ETH UART7/ FMC/SD MMC1/M DIOS/OT G2_FS DCMI/L CD/DSI LCD SYS |