| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F410CB Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F410CB Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 142 page ![]() Pinouts and pin description STM32F410x8/B 36/142 DocID028094 Rev 5 E4 12 12 16 F3 PA2 I/O FT - TIM5_CH3, TIM9_CH1, I2S2_CKIN, USART2_TX, EVENTOUT ADC1_2 F5 13 13 17 G3 PA3 I/O FT - TIM5_CH4, TIM9_CH2, I2S2_MCK, USART2_RX, EVENTOUT ADC1_3 - - - 18 D5 VSS S - - - - -- - 19 E4 VDD S - - - - -14 14 20 H3 PA4 I/O FT- SPI1_NSS/I2S1_WS, USART2_CK, EVENTOUT ADC1_4 F4 15 15 21 F4 PA5 I/O TC - SPI1_SCK/I2S1_CK, EVENTOUT ADC1_5, DAC_OUT1 -16 16 22 G4 PA6 I/O FT- TIM1_BKIN, SPI1_MISO, I2S2_MCK, EVENTOUT ADC1_6 -17 17 23 H4 PA7 I/O FT- TIM1_CH1N, SPI1_MOSI/I2S1_SD, EVENTOUT ADC1_7 -- - 24 G5 PC4 I/O FT - TIM9_CH1, EVENTOUT ADC1_14 -- - 25 H5 PC5 I/O FT - TIM9_CH2, I2C4_SMBA, EVENTOUT ADC1_15 - 18 18 26 F5 PB0 I/O FT - TIM1_CH2N, SPI5_SCK/I2S5_CK, EVENTOUT ADC1_8 - 19 19 27 G6 PB1 I/O TC - TIM1_CH3N, SPI5_NSS/I2S5_WS, EVENTOUT ADC1_9 F3 20 20 28 H6 PB2 I/O FT - LPTIM1_OUT, EVENTOUT BOOT1 Table 9. STM32F410x8/B pin definitions (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |