| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F302X6 Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F302X6 Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 138 page ![]() - F1 27 35 PB14 I/O TTa - TIM15_CH1, TSC_G6_IO4, SPI2_MISO/I2S2ext_SD, TIM1_CH2N, USART3_RTS_DE, EVENTOUT OPAMP2_VINP - E1 28 36 PB15 I/O TTa - RTC_REFIN, TIM15_CH2, TIM15_CH1N, TIM1_CH3N, SPI2_MOSI/I2S2_SD, EVENTOUT COMP6_INM --- 37 PC6 I/O FT - EVENTOUT, I2S2_MCK, COMP6_OUT - - - - 38 PC7 I/O FT - EVENTOUT, I2S3_MCK - - - - 39 PC8 I/O FT - EVENTOUT - - - - 40 PC9 I/O FTf - EVENTOUT, I2C3_SDA, I2SCKIN - 18 D1 29 41 PA8 I/O FT - MCO, I2C3_SCL, I2C2_SMBAL, I2S2_MCK, TIM1_CH1, USART1_CK, EVENTOUT - 19 D2 30 42 PA9 I/O FTf - I2C3_SMBAL, TSC_G4_IO1, I2C2_SCL, I2S3_MCK, TIM1_CH2, USART1_TX, TIM15_BKIN, TIM2_CH3, EVENTOUT - Table 12. STM32F302x6/8 pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |