| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F098CC Datasheet(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F098CC Datasheet(HTML) 39 Page - STMicroelectronics |
|
39 / 128 page ![]() DocID026967 Rev 4 39/128 STM32F098CC STM32F098RC STM32F098VC Pinouts and pin descriptions 41 B12 70C844D332 PA11 I/O FT (4) CAN_RX, USART1_CTS, TIM1_CH4, COMP1_OUT, TSC_G4_IO3, EVENTOUT, I2C2_SCL - A12 71B845B133 PA12 I/O FT (4) CAN_TX, USART1_RTS, TIM1_ETR, COMP2_OUT, TSC_G4_IO4, EVENTOUT, I2C2_SDA - A11 72A846 C3 34 PA13 I/O FT (4) (5) IR_OUT, SWDIO - C11 73 - - - - PF6 I/O FT (4) -- F11 74D647 B2 35 VSS S - Ground G11 75 E6 48 A1 36 VDDIO2 S - Digital power supply A10 76A749B337 PA14 I/O FT (4) (5) USART2_TX, SWCLK - A9 77 A6 50 A2 38 PA15 I/O FT (4) SPI1_NSS, I2S1_WS, USART2_RX, USART4_RTS, TIM2_CH1_ETR, EVENTOUT - B11 78B751A3 - PC10 I/O FT (4) USART3_TX, USART4_TX - C10 79B652 C4 - PC11 I/O FT (4) USART3_RX, USART4_RX - B10 80C553 B4 - PC12 I/O FT (4) USART3_CK, USART4_CK, USART5_TX - C9 81 -- -- PD0 I/O FT (4) SPI2_NSS, I2S2_WS, CAN_RX - B9 82 -- -- PD1 I/O FT (4) SPI2_SCK, I2S2_CK CAN_TX - C8 83 B5 54 A4 - PD2 I/O FT (4) USART3_RTS, TIM3_ETR, USART5_RX - B8 84 -- -- PD3 I/O FT SPI2_MISO, I2S2_MCK, USART2_CTS - Table 12. STM32F098CC/RC/VC pin definitions (continued) Pin numbers Pin name (function upon reset) Pin functions Alternate functions Additional functions |