Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST72561R4-Auto Datasheet(PDF) 47 Page - STMicroelectronics

No. de pieza ST72561R4-Auto
Descripción Electrónicos  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 47 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 43Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 44Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 45Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 46Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 47Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 48Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 49Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 50Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 324 page
background image
ST72561-Auto
Supply, reset and clock management
Doc ID 12370 Rev 8
47/324
If trv is greater than 256 or 4096 cycles then:
●
If the AVD interrupt is enabled before the VIT+(AVD) threshold is reached, then two AVD
interrupts will be received: The first when the AVDIE bit is set and the second when the
threshold is reached.
●
If the AVD interrupt is enabled after the VIT+(AVD) threshold is reached, then only one
AVD interrupt occurs.
Figure 16.
Using the AVD to monitor VDD
5.6.3
Low power modes
5.6.4
Interrupts
The AVD interrupt event generates an interrupt if the AVDIE bit is set and the interrupt mask
in the CC register is reset (RIM instruction).
VDD
VIT+(AVD)
VIT-(AVD)
AVDF bit
0
0
RESET VALUE
IF AVDIE bit = 1
Vhyst
AVD INTERRUPT
REQUEST
INTERRUPT PROCESS
INTERRUPT PROCESS
VIT+(LVD)
VIT-(LVD)
LVD RESET
Early Warning Interrupt
(Power has dropped, MCU not
not yet in reset)
1
1
trv VOLTAGE RISE TIME
Table 9.
Effect of low power modes on SI
Mode
Description
WAIT
No effect on SI. AVD interrupts cause the device to exit from Wait mode.
HALT
The SICSR register is frozen.
Table 10.
Interrupt control/wake-up capability
Interrupt event
Event
flag
Enable
control
bit
Exit
from
wait
Exit
from
halt
AVD event
AVDF
AVDIE
Yes
No