| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72321R7-Auto Datasheet(PDF) 190 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321R7-Auto Datasheet(HTML) 190 Page - STMicroelectronics |
|
190 / 243 page ![]() Electrical characteristics ST72321xx-Auto 190/243 Doc ID 13829 Rev 1 19.3.4 External voltage detector (EVD) thresholds Subject to general operating conditions for VDD, fCPU, and TA. Table 110. External voltage detector (EVD) thresholds Symbol Parameter Conditions Min Typ Max Unit VIT+(EVD) 1 0 AVDF flag toggle threshold (V DD rise (1) 1.15 1.26 1.35 V VIT-(EVD) 0 1 AVDF flag toggle threshold (V DD fall) (1) 1.1 1.2 1.3 Vhys(EVD) EVD voltage threshold hysteresis VIT+(EVD)-VIT-(EVD) 200 mV 1. Data based on characterization results, not tested in production |