| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72321R7-Auto Datasheet(PDF) 178 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72321R7-Auto Datasheet(HTML) 178 Page - STMicroelectronics |
|
178 / 243 page ![]() Instruction set ST72321xx-Auto 178/243 Doc ID 13829 Rev 1 18.1.1 Inherent All Inherent instructions consist of a single byte. The opcode fully specifies all the required information for the CPU to process the operation. Long Indirect Indexed ld A,([$10.w],X) 0000..FFFF 00..FF word + 2 Relative Direct jrne loop PC+/-127 + 1 Relative Indirect jrne [$10] PC+/-127 00..FF byte + 2 Bit Direct bset $10,#7 00..FF + 1 Bit Indirect bset [$10],#7 00..FF 00..FF byte + 2 Bit Direct Relative btjt $10,#7,skip 00..FF + 2 Bit Indirect Relative btjt [$10],#7,skip 00..FF 00..FF byte + 3 Table 97. CPU addressing mode overview (continued) Mode Syntax Destination Pointer address (Hex.) Pointer size (Hex.) Length (bytes) Table 98. Inherent instructions Instruction Function NOP No operation TRAP S/W Interrupt WFI Wait For Interrupt (Low Power Mode) HALT Halt Oscillator (Lowest Power Mode) RET Sub-routine Return IRET Interrupt Sub-routine Return SIM Set Interrupt Mask (level 3) RIM Reset Interrupt Mask (level 0) SCF Set Carry Flag RCF Reset Carry Flag RSP Reset Stack Pointer LD Load CLR Clear PUSH/POP Push/Pop to/from the stack INC/DEC Increment/Decrement TNZ Test Negative or Zero CPL, NEG 1 or 2 Complement MUL Byte Multiplication SLL, SRL, SRA, RLC, RRC Shift and Rotate Operations SWAP Swap Nibbles |