| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC560B54X Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC560B54X Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 133 page ![]() DocID15131 Rev 9 55/133 SPC560B54x/6x Package pinouts and signal descriptions 132 3.8 Nexus 2+ pins In the LBGA208 package, eight additional debug pins are available (see Table 7). Table 7. Nexus 2+ pin descriptions Port pin Function I/O direction Pad type Function after reset Pin number LQFP 100 LQFP 144 LBGA 208(1) MCKO Message clock out O F — — — T4 MDO0 Message data out 0 O M — — — H15 MDO1 Message data out 1 O M — — — H16 MDO2 Message data out 2 O M — — — H14 MDO3 Message data out 3 O M — — — H13 EVTI Event in I M Pull-up — — K1 EVTO Event out O M — — — L4 MSEO Message start/end out O M — — — G16 1. LBGA208 available only as development package for Nexus2+. |