| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC56EL54x Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54x Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 165 page ![]() Package pinouts and signal descriptions SPC56ELx, SPC564Lx 50/165 DocID15457 Rev 12 81 G[8] SIUL GPIO[104] GPIO[104] FlexRay DBG0 — DSPI_0 CS1 — FlexPWM_0 — FAULT[0] SIUL — EIRQ[21] 82 C[12] SIUL GPIO[44] GPIO[44] eTimer_0 ETC[5] ETC[5] DSPI_2 CS3 — 83 G[7] SIUL GPIO[103] GPIO[103] FlexPWM_0 B[3] B[3] 84 A[2] SIUL GPIO[2] GPIO[2] eTimer_0 ETC[2] ETC[2] FlexPWM_0 A[3] A[3] DSPI_2 — SIN MC_RGM — ABS[0] SIUL — EIRQ[2] 85 G[5] SIUL GPIO[101] GPIO[101] FlexPWM_0 X[3] X[3] DSPI_2 CS3 — 86 B[5] SIUL GPIO[21] GPIO[21] JTAGC — TDI 87 TMS — 88 TCK — 89 B[4] SIUL GPIO[20] GPIO[20] JTAGC TDO — 90 VSS_HV_IO — 91 VDD_HV_IO — 92 A[3] SIUL GPIO[3] GPIO[3] eTimer_0 ETC[3] ETC[3] DSPI_2 CS0 CS0 FlexPWM_0 B[3] B[3] MC_RGM — ABS[2] SIUL — EIRQ[3] 93 VDD_LV_COR — 94 VSS_LV_COR — Table 4. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |