| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SPC56EL54x Datasheet(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPC56EL54x Datasheet(HTML) 53 Page - STMicroelectronics |
|
53 / 165 page ![]() DocID15457 Rev 12 53/165 SPC56ELx, SPC564Lx Package pinouts and signal descriptions 164 117 E[13] SIUL GPIO[77] GPIO[77] eTimer_0 ETC[5] ETC[5] DSPI_2 CS3 — SIUL — EIRQ[25] 118 A[10] SIUL GPIO[10] GPIO[10] DSPI_2 CS0 CS0 FlexPWM_0 B[0] B[0] FlexPWM_0 X[2] X[2] SIUL — EIRQ[9] 119 E[14] SIUL GPIO[78] GPIO[78] eTimer_1 ETC[5] ETC[5] SIUL — EIRQ[26] 120 A[11] SIUL GPIO[11] GPIO[11] DSPI_2 SCK SCK FlexPWM_0 A[0] A[0] FlexPWM_0 A[2] A[2] SIUL — EIRQ[10] 121 E[15] SIUL GPIO[79] GPIO[79] DSPI_0 CS1 — SIUL — EIRQ[27] 122 A[12] SIUL GPIO[12] GPIO[12] DSPI_2 SOUT — FlexPWM_0 A[2] A[2] FlexPWM_0 B[2] B[2] SIUL — EIRQ[11] 123 JCOMP — — JCOMP 124 C[15] SIUL GPIO[47] GPIO[47] FlexRay CA_TR_EN — eTimer_1 ETC[0] ETC[0] FlexPWM_0 A[1] A[1] CTU_0 — EXT_IN FlexPWM_0 — EXT_SYNC Table 4. LQFP144 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |