Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L78S Datasheet(PDF) 32 Page - STMicroelectronics

No. de pieza L78S
Descripción Electrónicos  Short circuit protection
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78S Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L78S Datasheet HTML 27Page - STMicroelectronics L78S Datasheet HTML 28Page - STMicroelectronics L78S Datasheet HTML 29Page - STMicroelectronics L78S Datasheet HTML 30Page - STMicroelectronics L78S Datasheet HTML 31Page - STMicroelectronics L78S Datasheet HTML 32Page - STMicroelectronics L78S Datasheet HTML 33Page - STMicroelectronics L78S Datasheet HTML 34Page - STMicroelectronics L78S Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Package mechanical data
L78S
32/35
DocID2148 Rev 8
Table 13. TO-220 SG (single gauge) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
E
10
10.40
e
2.40
2.70
e1
4.95
5.15
F
0.51
0.60
H1
6.20
6.60
J1
2.40
2.72
L13
14
L1
3.50
3.93
L20
16.40
L30
28.90
∅P
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35