| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS3431AILT Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS3431AILT Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() December 2004 Revision 2 1/11 ■ Adjustable output voltage: 1.24 to 24V ■ Several precision @ 25°C ±2%, ±1%, ±0.5% and ±0.25% ■ Sink current capability: 0.4 to 100mA ■ Industrial temperature range: -40 to +125°C ■ Performances compatible with industry standard TL431 Description The TS3431 is a programmable shunt voltage reference with guaranteed temperature stability over the entire temperature range of operation (-40 to +125°C). The output voltage may be set to any value between 1.24V and 24V with an external resistor bridge. Available in SOT23-3 surface mount package, it can be designed in applications where space saving is a critical issue. Applications ■ Computers ■ Instrumentation ■ Battery chargers ■ Switch mode power supply ■ Battery operated equipments Pin Connections (top view) Order Codes L SOT23-3L (Plastic Micropackage) Z TO-92 (Plastic Package) TO-92 (top view) SOT23-3 (top view) 3 1 2 Cathode Reference Anode Part Number Temperature Range Package Packaging Marking TS3431ILT/AILT/BILT/CILT -40, +125°C SOT23-3L Tape & Reel L280-L281 L282-L283 TS3431IZ/AIZ/BIZ/CIZ TO-92 Bulk TS3431IZT/AIZT/BIZT/CIZT Tape & Reel TS3431IZ-AP/AIZ-AP/BIZ-AP/CIZ-AP Ammo pack TS3431 1.24V Programmable Shunt Voltage Reference |
Número de pieza similar - TS3431AILT |
|
Descripción similar - TS3431AILT |