| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TNETV2685FIBZUT9 Datasheet(PDF) 14 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TNETV2685FIBZUT9 Datasheet(HTML) 14 Page - Texas Instruments |
|
14 / 191 page ![]() TMS320DM647 TMS320DM648 SPRS372H – MAY 2007 – REVISED APRIL 2012 www.ti.com Table 2-3. Memory Map Summary (continued) START END SIZE C64x+ ADDRESS ADDRESS (Bytes) MEMORY MAP 0x02CC 0000 0x02CF FFFF 256K Reserved 0x02D0 0000 0x02D0 1FFF 8K Ethernet Subsystem CPPI RAM(1) 0x02D0 2000 0x02D0 2FFF 4K Ethernet Subsystem Control 0x02D0 3000 0x02D0 3FFF 4K Ethernet Subsystem 3PSW 0x02D0 4000 0x02D0 47FF 2K Ethernet Subsystem MDIO 0x02D0 4800 0x02D0 4BFF 1K Ethernet Subsystem SGMII0 0x02D0 4C00 0x02D0 4FFF 1K Ethernet Subsystem SGMII1 (DM648 only) 0x02D0 5000 0x02D0 57FF 2K Reserved 0x02D0 5800 0x02DB FFFF 746K Reserved 0x02DC 0000 0x02DF FFFF 256K Reserved 0x02E0 0000 0x02E0 3FFF 16K Reserved 0x02E0 4000 0x02FF FFFF 2M – 16K Reserved 0x0300 0000 0x03FF FFFF 16M Reserved 0x0400 0000 0x0FFF FFFF 192M Reserved 0x1000 0000 0x1FFF FFFF 256M Reserved 0x2000 0000 0x2FFF FFFF 256M Reserved 0x3000 0000 0x3000 00FF 256 Reserved 0x3000 0100 0x33FF FFFF 64M – 256 Reserved 0x3400 0000 0x3400 00FF 256 Reserved 0x3400 0100 0x37FF FFFF 64M – 256 Reserved 0x3800 0000 0x3BFF FFFF 64M VLYNQ 0x3C00 0000 0x3CFF FFFF 16M Reserved 0x3D00 0000 0x3DFF FFFF 16M Reserved 0x3E00 0000 0x3FFF FFFF 32M Reserved 0x4000 0000 0x4FFF FFFF 256M PCI Data 0x5000 0000 0x51FF FFFF 32M VP0 ChannelA Data 0x5200 0000 0x53FF FFFF 32M VP0 ChannelB Data 0x5400 0000 0x55FF FFFF 32M VP1 ChannelA Data 0x5600 0000 0x57FF FFFF 32M VP1 ChannelB Data 0x5800 0000 0x59FF FFFF 32M VP2 ChannelA Data 0x5A00 0000 0x5BFF FFFF 32M VP2 ChannelB Data 0x5C00 0000 0x5DFF FFFF 32M Reserved 0x5E00 0000 0x5FFF FFFF 32M Reserved 0x6000 0000 0x61FF FFFF 32M VP3 ChannelA Data 0x6200 0000 0x63FF FFFF 32M VP3 ChannelB Data 0x6400 0000 0x65FF FFFF 32M VP4 ChannelA Data 0x6600 0000 0x67FF FFFF 32M VP4 ChannelB Data 0x6800 0000 0x6FFF FFFF 128M Reserved 0x7000 0000 0x77FF FFFF 128M EMIFA Configuration 0x7800 0000 0x7FFF FFFF 128M DDR2 EMIF Configuration 0x8000 0000 0x8FFF FFFF 256M Reserved 0x9000 0000 0x9FFF FFFF 256M Reserved 0xA000 0000 0xA3FF FFFF 64M EMIFA CE2(2) 0xA400 0000 0xAFFF FFFF 256 - 64M Reserved 0xB000 0000 0xB3FF FFFF 64M EMIFA CE3(2) 0xB400 0000 0xBFFF FFFF 256 - 64M Reserved 0xC000 0000 0xCFFF FFFF 256M Reserved (1) The 8K CPPI Descriptor memory is mapped to an address range 0x02C8 2000 - 0x02C8 3FFF, from the perspective of the Ethernet subsystem 3PSW. The buffer descriptors, when accessed from the C64x+, are addressed from 0x02D0 0000. However, within these buffer descriptors, when the pointer to the next buffer descriptor is programmed, the Ethernet subsystem 3PSW is interpreting this value. Thus, this programmed value should be in the address range starting from 0x02C8 2000. (2) The EMIFA CS0 and CS1 are not functionally supported; therefore, they are not pinned out. 14 Device Overview Copyright © 2007–2012, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): TMS320DM647 TMS320DM648 |