Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP130N6F7 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza STP130N6F7
Descripción Electrónicos  High avalanche ruggedness
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP130N6F7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP130N6F7 Datasheet HTML 4Page - STMicroelectronics STP130N6F7 Datasheet HTML 5Page - STMicroelectronics STP130N6F7 Datasheet HTML 6Page - STMicroelectronics STP130N6F7 Datasheet HTML 7Page - STMicroelectronics STP130N6F7 Datasheet HTML 8Page - STMicroelectronics STP130N6F7 Datasheet HTML 9Page - STMicroelectronics STP130N6F7 Datasheet HTML 10Page - STMicroelectronics STP130N6F7 Datasheet HTML 11Page - STMicroelectronics STP130N6F7 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STP130N6F7
10/12
DocID027410 Rev 3
Table 8: TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L
13
14
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12