Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STP16C596AMTR Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza STP16C596AMTR
Descripción Electrónicos  16-BIT CONSTANT CURRENT LED SINK DRIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16C596AMTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP16C596AMTR Datasheet HTML 10Page - STMicroelectronics STP16C596AMTR Datasheet HTML 11Page - STMicroelectronics STP16C596AMTR Datasheet HTML 12Page - STMicroelectronics STP16C596AMTR Datasheet HTML 13Page - STMicroelectronics STP16C596AMTR Datasheet HTML 14Page - STMicroelectronics STP16C596AMTR Datasheet HTML 15Page - STMicroelectronics STP16C596AMTR Datasheet HTML 16Page - STMicroelectronics STP16C596AMTR Datasheet HTML 17Page - STMicroelectronics STP16C596AMTR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
STP16C596A
14/18
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.1
0.043
A1
0.05
0.15
0.002
0.006
A2
0.9
0.035
b
0.19
0.30
0.0075
0.0118
c
0.09
0.20
0.0035
0.0079
D
7.7
7.9
0.303
0.311
E
4.3
4.5
0.169
0.177
e
0.65 BSC
0.0256 BSC
H
6.25
6.5
0.246
0.256
K0°
8°
0°
8°
L
0.50
0.70
0.020
0.028
TSSOP24 MECHANICAL DATA
7047476B
c
H
b
A2
A
E
D
1
PIN 1 IDENTIFICATION
A1
L
K
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18