Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TNETV2665FIDZWT4 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TNETV2665FIDZWT4
Descripción Electrónicos  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2665FIDZWT4 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TNETV2665FIDZWT4 Datasheet HTML 41Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 42Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 43Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 44Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 45Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 46Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 47Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 48Page - Texas Instruments TNETV2665FIDZWT4 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-15. Peripheral Component Interconnect (PCI) Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
EM_A[17]/AD31/
IPD
A11
B14
I/O/Z
GP[47]
DVDD33
IPD
AD30
E12
D14
I/O/Z
DVDD33
EM_A[15]/AD29/
IPD
B11
C13
I/O/Z
GP[49]
DVDD33
IPD
AD28
E11
D13
I/O/Z
DVDD33
EM_A[14]/AD27/
IPD
A10
A13
I/O/Z
GP[50]
DVDD33
IPD
AD26
E10
D12
I/O/Z
DVDD33
EM_A[13]/AD25/
IPD
B10
A12
I/O/Z
GP[51]
DVDD33
IPD
EM_A[11]/AD24/GP[90]
C10
C12
I/O/Z
DVDD33
IPD
EM_A[10]/AD23/GP[91]
A9
B11
I/O/Z
DVDD33
IPD
EM_A[7]/AD22/GP[94]
C9
C10
I/O/Z
DVDD33
These pins are multiplexed between PCI, EMIFA, HPI, VLYNQ,
IPD
EM_A[8]/AD21/GP[93]
B9
A11
I/O/Z
EMAC (MII), and GPIO.
DVDD33
For PCI, these pins are PCI data-address bus [31:0] (I/O/Z)
IPD
EM_A[6]/AD20/GP[95]
D8
B10
I/O/Z
DVDD33
IPD
EM_A[5]/AD19/GP[96]
B8
A10
I/O/Z
DVDD33
HD0/VLYNQ_SCRUN/
IPU
C8
B9
I/O/Z
AD18/GP[58]
DVDD33
HD2/VLYNQ_RXD1/
IPD
A8
A9
I/O/Z
AD17/GP[60]
DVDD33
HD1/VLYNQ_RXD0/
IPD
D7
C9
I/O/Z
AD16/GP[59]
DVDD33
HD14/MTXD0/
IPD
D4
B5
I/O/Z
AD15/GP[72]
DVDD33
HD13/MTXD1/
IPD
B4
B4
I/O/Z
AD14/GP[71]
DVDD33
HHWIL/MRXDV/
IPD
C4
D3
I/O/Z
AD13/GP[74]
DVDD33
HD15/MTXCLK/
IPD
A4
A4
I/O/Z
AD12/GP[73]
DVDD33
HCNTL1/MTXEN/
IPD
D3
C4
I/O/Z
AD11/GP[75]
DVDD33
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
45
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More