Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STPS40150CT Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza STPS40150CT
Descripción Electrónicos  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS40150CT Datasheet(HTML) 3 Page - STMicroelectronics

  STPS40150CT Datasheet HTML 1Page - STMicroelectronics STPS40150CT Datasheet HTML 2Page - STMicroelectronics STPS40150CT Datasheet HTML 3Page - STMicroelectronics STPS40150CT Datasheet HTML 4Page - STMicroelectronics STPS40150CT Datasheet HTML 5Page - STMicroelectronics STPS40150CT Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
STPS40150CT/CW/CG
3/6
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T(°C)
j
P(t )
P
(25°C)
ARM p
ARM
Fig. 3: Normalized avalanche power derating
versus junction temperature.
0
2
4
6
8
10
12
14
16
18
20
22
0
25
50
75
100
125
150
175
I(A)
F(AV)
T
(°C)
amb
T
δ=tp/T
tp
R=R
th(j-a)
th(j-c)
R
=15°C/W
th(j-a)
Fig. 4: Average forward current versus ambient
temperature (
δ=0.5, per diode).
0
50
100
150
200
250
1.E-03
1.E-02
1.E-01
1.E+00
I(A)
M
IM
t
δ=0.5
t(s)
T =50°C
c
T =75°C
c
T =125°C
c
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
T
δ=tp/T
tp
t(s)
p
Fig. 6: Relative variation of thermal impedance
junction to case versus pulse duration.
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
10
30
50
70
90
110
130
150
I (µA)
R
V (V)
R
T =125°C
j
T =150°C
j
T =100°C
j
T =50°C
j
T =25°C
j
T =75°C
j
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
10
100
1000
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Fig. 8: Junction capacitance versus reverse
voltage applied (typical values, per diode).



Html Pages

1 2 3 4 5 6