| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PC87364-XXX/VLA Datasheet(PDF) 33 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87364-XXX/VLA Datasheet(HTML) 33 Page - National Semiconductor (TI) |
|
33 / 180 page ![]() 2.0 Device Architecture and Configuration (Continued) 33 www.national.com 2.2.3 Standard Logical Device Configuration Register Definitions Unless otherwise noted in Tables 7 through 12: q All registers are read/write. q All reserved bits return 0 on reads, except where noted otherwise. They must not be modified as it may cause un- predictable results. Use read-modify-write to prevent the values of reserved bits from being changed during write. q Write only registers should not use read-modify-write during updates. Table 7. Standard Control Registers Table 8. Logical Device Activate Register Table 9. I/O Space Configuration Registers Index Register Name Description 07h Logical Device Number This register selects the current logical device. See Table 6 for valid numbers. All other values are reserved. 20h - 2Fh SuperI/O Configuration SuperI/O configuration registers and ID registers Index Register Name Description 30h Activate Bit 0 - Logical device activation control 0: Disabled 1: Enabled Bits 7-1 - Reserved Index Register Name Description 60h I/O Port Base Address Bits (15-8) Descriptor 0 Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 0. 61h I/O Port Base Address Bits (7-0) Descriptor 0 Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 0. 62h I/O Port Base Address Bits (15-8) Descriptor 1 Indicates selected I/O lower limit address bits 15-8 for I/O Descriptor 1. 63h I/O Port Base Address Bits (7-0) Descriptor 1 Indicates selected I/O lower limit address bits 7-0 for I/O Descriptor 1. |