Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L99DZ120 Datasheet(PDF) 98 Page - STMicroelectronics

No. de pieza L99DZ120
Descripción Electrónicos  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 94Page - STMicroelectronics L99DZ120 Datasheet HTML 95Page - STMicroelectronics L99DZ120 Datasheet HTML 96Page - STMicroelectronics L99DZ120 Datasheet HTML 97Page - STMicroelectronics L99DZ120 Datasheet HTML 98Page - STMicroelectronics L99DZ120 Datasheet HTML 99Page - STMicroelectronics L99DZ120 Datasheet HTML 100Page - STMicroelectronics L99DZ120 Datasheet HTML 101Page - STMicroelectronics L99DZ120 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 162 page
background image
Serial Peripheral Interface (SPI)
L99DZ120
98/162
DocID029145 Rev 4
This chapter describes the SPI protocol standardization. It defines a common structure of
the communication frames and defines specific addresses for product and status
information.
The ST-SPI allows usage of generic software to operate the devices while maintaining the
required flexibility to adapt it to the individual functionality of a particular product. In addition,
failsafe mechanisms are implemented to protect the communication from external
influences and wrong or unwanted usage.
The devices Serial Peripheral Interface are compliant to the ST SPI Standard Rev. 4.0.
5.1.1
Physical layer
Figure 49. SPI pin description
5.2
Signal description
Chip Select Not (CSN)
The communication interface is de-selected, when this input signal is logically high. A
falling edge on CSN enables and starts the communication while a rising edge finishes
the communication and the sent command is executed when a valid frame was sent.
During communication start and stop the Serial Clock (SCK) has to be logically low.
The Serial Data Out (SDO) is in high impedance when CSN is high or a communication
timeout was detected.
Serial Clock (SCK)
This SCK provides the clock of the SPI. Data present at Serial Data Input (SDI) is
latched on the rising edge of Serial Clock (SCK) into the internal shift registers while on
the falling edge data from the internal shift registers are shifted out to Serial Data Out
(SDO).
Serial Data Input (SDI)
This input is used to transfer data serially into the device. Data is latched on the rising
edge of Serial Clock (SCK).
Serial Data Output (SDO)
This output signal is used to transfer data serially out of the device. Data is shifted out
on the falling edge of Serial Clock (SCK).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com