| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SC2200 Datasheet(PDF) 49 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
SC2200 Datasheet(HTML) 49 Page - National Semiconductor (TI) |
|
49 / 433 page ![]() Revision 3.0 49 www.national.com Signal Definitions (Continued) MD27 AC30 MD28 AE31 MD29 AD29 MD30 AD30 MD31 AD31 MD32 AJ15 MD33 AJ16 MD34 AH16 MD35 AK17 MD36 AJ17 MD37 AH17 MD38 AL17 MD39 AL18 MD40 AL21 MD41 AH20 MD42 AJ20 MD43 AK20 MD44 AL20 MD45 AJ19 MD46 AK18 MD47 AJ18 MD48 AH29 MD49 AF29 MD50 AF28 MD51 AH31 MD52 AD28 MD53 AF31 MD54 AF30 MD55 AG31 MD56 Y31 MD57 W28 MD58 Y28 MD59 Y29 MD60 Y30 MD61 AA29 MD62 AA30 MD63 AA31 NC (Total of 8) A23, A24, A25, B23, B26, C23, C24, D24 ONCTL# AJ5 OVER_CUR# AF4 PAR J4 PC_BEEP V31 PCICLK A7 PCICLK0 A4 PCICLK1 D6 PCIRST# A6 PD0 C21 PD1 A21 Signal Name Ball No. PD2 D20 PD3 C20 PD4 C18 PD5 C19 PD6 A20 PD7 A18 PE D17 PERR# H2 PLL2B AH3 PLL5B AJ1 PLL6B AG4 POR# AH9 POWER_EN AH1 PWRBTN# AH5 PWRCNT1 AK6 PWRCNT2 AL7 RASA# AK12 RD# B8 RED B12 REQ0# B5 REQ1# A5 RI2# AJ8 ROMCS# C8 RTS2# C30 SDATA_IN U31 SDATA_IN2 AL8 SDATA_OUT P29 SDCLK_IN AJ27 SDCLK_OUT AK28 SDCLK0 AJ21 SDCLK1 W29 SDCLK2 AA28 SDCLK3 V29 SDTEST0 C30 SDTEST1 B29 SDTEST2 C28 SDTEST3 E28 SDTEST4 C31 SDTEST5 D28 SERIRQ J31 SERR# H1 SETRES B15 SIN1 AG2 SIN2 E28 SIN3 AK8 SLCT C17 SLIN#/ASTRB# B20 SMI_O B21 SOUT1 AF3 Signal Name Ball No. SOUT2 D29 SOUT3 C11 STB#/WRITE# A22 STOP# G1 SYNC P30 TCK E31 TDI F29 TDN D31 TDO E30 TDP D30 TEST0 AH3 TEST1 AG4 TEST2 AJ1 TEST3 V30 TFT_PRSNT P29 TFTD0 A9, AD4 TFTD1 A20, AF1 TFTD2 D22, AE1 TFTD3 B17, AD3 TFTD4 D21, U2 TFTD5 B21, AF2 TFTD6 C21, AC3 TFTD7 A21, V1 TFTD8 D20, AC4 TFTD9 C20, AD2 TFTD10 C18, Y4 TFTD11 C19, AD1 TFTD12 D10, AB4 TFTD13 A18, W3 TFTD14 D17, AC2 TFTD15 C17, V3 TFTD16 B20, AC1 TFTD17 A22, V2 TFTDCK A10, AA1 TFTDE B18, P2 THRM# AK4 TMS F28 TRDE# D11 TRDY# F1 TRST# E29 VBAT AL3 VCCCRT D12 VCORE (Total of 28) N13, N14, N18, N19, P4, P13, P14, P18, P19, P28, T1, T2, T3, T4, T28, T29, T30, T31, U4, U28, V13, V14, V18, V19, W13, W14, W18, W19 Signal Name Ball No. Table 2-5. 481-TEPBGA Ball Assignment - Sorted Alphabetically by Signal Name (Continued) |