Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF11N65M2 Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza STF11N65M2
Descripción Electrónicos  Extremely low gate charge
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N65M2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STF11N65M2 Datasheet HTML 7Page - STMicroelectronics STF11N65M2 Datasheet HTML 8Page - STMicroelectronics STF11N65M2 Datasheet HTML 9Page - STMicroelectronics STF11N65M2 Datasheet HTML 10Page - STMicroelectronics STF11N65M2 Datasheet HTML 11Page - STMicroelectronics STF11N65M2 Datasheet HTML 12Page - STMicroelectronics STF11N65M2 Datasheet HTML 13Page - STMicroelectronics STF11N65M2 Datasheet HTML 14Page - STMicroelectronics STF11N65M2 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STF11N65M2, STFI11N65M2
Package information
DocID025806 Rev 2
13/15
Table 10: I²PAKFP (TO-281) mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
-
4.60
B
2.50
2.70
D
2.50
2.75
D1
0.65
0.85
E
0.45
0.70
F
0.75
1.00
F1
1.20
G
4.95
5.20
H
10.00
10.40
L1
21.00
23.00
L2
13.20
14.10
L3
10.55
10.85
L4
2.70
3.20
L5
0.85
1.25
L6
7.50
7.60
7.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15