| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HAL856 Datasheet(PDF) 6 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
HAL856 Datasheet(HTML) 6 Page - Micronas |
|
6 / 102 page ![]() HAL8xy, HAL100x APPLICATION NOTE Programmer Board 6 Sept. 19, 2013; APN000046_03EN Micronas 1.2. Supported Micronas Hall-Effect Sensors The board supports all programmable Micronas Hall sensors, each having its own spe- cial requirements with respect to the programmer board. Therefore, the board can be run in different operation modes (board modes), which are addressed separately in subsequent sections of this application note. Table 1–1: Overview Hall sensors and operation modes Type Operation Mode Reference HAL805 0 (Emulation V 4.1) 1 Section 4 Section 5 HAL810 0 (Emulation V 4.1) 1 Section 4 Section 5 HAL815 0 (Emulation V 4.1) 1 Section 4 Section 5 HAL817 0 (Emulation V 4.1) 1 Section 4 Section 5 HAL82x 1 Section 5 HAL83x 1 Section 5 HAL855 2 Section 6 HAL856 3 Section 7 HAL880 1 Section 5 HAL1000 0 (Emulation V 4.1) 1 Section 4 Section 5 HAL1002 1 Section 5 |