Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STI33N65M2 Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza STI33N65M2
Descripción Electrónicos  N-channel 650 V, 0.117 Ω typ., 24 A MDmesh™ M2 Power MOSFETs in D²PAK, TO-220FP, TO-220 and I²PAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI33N65M2 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STI33N65M2 Datasheet HTML 14Page - STMicroelectronics STI33N65M2 Datasheet HTML 15Page - STMicroelectronics STI33N65M2 Datasheet HTML 16Page - STMicroelectronics STI33N65M2 Datasheet HTML 17Page - STMicroelectronics STI33N65M2 Datasheet HTML 18Page - STMicroelectronics STI33N65M2 Datasheet HTML 19Page - STMicroelectronics STI33N65M2 Datasheet HTML 20Page - STMicroelectronics STI33N65M2 Datasheet HTML 21Page - STMicroelectronics STI33N65M2 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Package mechanical data
STB33N65M2, STF33N65M2, STP33N65M2, STI33N65M2
18/23
DocID027286 Rev 1
Table 12. I²PAK (TO-262) mechanical data
DIM.
mm.
min.
typ
max.
A
4.40
4.60
A1
2.40
2.72
b
0.61
0.88
b1
1.14
1.70
c
0.49
0.70
c2
1.23
1.32
D
8.95
9.35
e
2.40
2.70
e1
4.95
5.15
E10
10.40
L13
14
L1
3.50
3.93
L2
1.27
1.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23