Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STF10N95K5 Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza STF10N95K5
Descripción Electrónicos  Switching applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10N95K5 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STF10N95K5 Datasheet HTML 13Page - STMicroelectronics STF10N95K5 Datasheet HTML 14Page - STMicroelectronics STF10N95K5 Datasheet HTML 15Page - STMicroelectronics STF10N95K5 Datasheet HTML 16Page - STMicroelectronics STF10N95K5 Datasheet HTML 17Page - STMicroelectronics STF10N95K5 Datasheet HTML 18Page - STMicroelectronics STF10N95K5 Datasheet HTML 19Page - STMicroelectronics STF10N95K5 Datasheet HTML 20Page - STMicroelectronics STF10N95K5 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DocID024850 Rev 3
17/22
STB10N95K5, STF10N95K5, STP10N95K5, STW10N95K5
Package mechanical data
22
Figure 29. TO-247 drawing
Table 12. TO-247 mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
4.85
5.15
A1
2.20
2.60
b1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
0075325_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22