| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TDA7705TR Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7705TR Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 42 page ![]() TDA7705 Function description Doc ID 15938 Rev 9 15/42 Figure 5. SPI modes In the case of the TDA7705, the data are latched on the clock's rising edge, with CPOL = 1 and CPHA = 1 (mode 3 in the figure above). According to the specification of this mode, the polarity of the CLK line when no communication is taking place is high. A "write" communication example is shown in the figure below, for an unspecified number of bits (see the relevant technical documentation for frame structure description): Figure 6. SPI "write" sequence The start condition is signaled by the CS line going low, and the stop condition by the CS line going high. It is not allowed to toggle the CS line while the communication is going on. A "read" communication example is shown in the figure below, for an unspecified number of bits (see the relevant technical documentation for frame structure description ): Figure 7. SPI "read" sequence The red line is controlled by the TDA7705, whereas the black lines are controlled by the µP. ... ... LSB ... ... ... ... ... ... ... ... CS CLK MOSI MSB LSB ... ... LSB MSB ... ... ... ... MISO ... CLK MOSI MSB ... CS |