| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L152C6 Datasheet(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152C6 Datasheet(HTML) 38 Page - STMicroelectronics |
|
38 / 133 page ![]() Pin descriptions STM32L151x6/8/B STM32L152x6/8/B 38/133 DocID17659 Rev 12 19 12 F1 J1 8 VSSA S- VSSA -- 20 - - K1 - VREF- S- VREF- -- 21 - G1 (6) L1 - VREF+ S- VREF+ -- 22 13 H1 M1 9 VDDA S- VDDA -- 23 14 G2 L2 10 PA0-WKUP1 I/O FT PA0 USART2_CTS/ TIM2_CH1_ETR WKUP1/ ADC_IN0/ COMP1_INP 24 15 H2 M2 11 PA1 I/O FT PA1 USART2_RTS/ TIM2_CH2/LCD_SEG0 ADC_IN1/ COMP1_INP 25 16 F3 K3 12 PA2 I/O FT PA2 USART2_TX/TIM2_CH3/ TIM9_CH1/LCD_SEG1 ADC_IN2/ COMP1_INP 26 17 G3 L3 13 PA3 I/O TC PA3 USART2_RX/TIM2_CH4/ TIM9_CH2/LCD_SEG2 ADC_IN3/ COMP1_INP 27 18 C2 E3 - VSS_4 S- VSS_4 -- 28 19 D2 H3 - VDD_4 S- VDD_4 -- 29 20 H3 M3 14 PA4 I/O TC PA4 SPI1_NSS/USART2_CK ADC_IN4/ DAC_OUT1/ COMP1_INP 30 21 F4 K4 15 PA5 I/O TC PA5 SPI1_SCK/ TIM2_CH1_ETR ADC_IN5/ DAC_OUT2/ COMP1_INP 31 22 G4 L4 16 PA6 I/O FT PA6 SPI1_MISO/TIM3_CH1/ LCD_SEG3/TIM10_CH1 ADC_IN6 /COMP1_INP 32 23 H4 M4 17 PA7 I/O FT PA7 SPI1_MOSI//TIM3_CH2/ LCD_SEG4/TIM11_CH1 ADC_IN7/ COMP1_INP 33 24 H5 K5 - PC4 I/O FT PC4 LCD_SEG22 ADC_IN14/ COMP1_INP 34 25 H6 L5 - PC5 I/O FT PC5 LCD_SEG23 ADC_IN15/ COMP1_INP Table 8. STM32L151x6/8/B and STM32L152x6/8/B pin definitions (continued) Pins Pin name Main function(2) (after reset) Pins functions Alternate functions Additional functions |