| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F303XB Datasheet(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303XB Datasheet(HTML) 41 Page - STMicroelectronics |
|
41 / 148 page ![]() DocID023353 Rev 13 41/148 STM32F303xB STM32F303xC Pinouts and pin description 54 B2 77 50 38 PA15 I/O FTf - I2C1_SCL, SPI1_NSS, SPI3_NSS, I2S3_WS, JTDI, USART2_RX, TIM1_BKIN, TIM2_CH1_ETR, TIM8_CH1, EVENTOUT - E4 78 51 - PC10 I/O FT (1) SPI3_SCK, I2S3_CK, USART3_TX, UART4_TX, TIM8_CH1N, EVENTOUT - D3 79 52 - PC11 I/O FT (1) SPI3_MISO, I2S3ext_SD, USART3_RX, UART4_RX, TIM8_CH2N, EVENTOUT - A3 80 53 - PC12 I/O FT (1) SPI3_MOSI, I2S3_SD, USART3_CK, UART5_TX, TIM8_CH3N, EVENTOUT - B3 81 - - PD0 I/O FT (1) CAN_RX, EVENTOUT - C3 82 - - PD1 I/O FT (1) CAN_TX, TIM8_CH4, TIM8_BKIN2,EVENTOUT - A4 83 54 - PD2 I/O FT (1) UART5_RX, TIM3_ETR, TIM8_BKIN, EVENTOUT - B4 84 - - PD3 I/O FT (1) USART2_CTS, TIM2_CH1_ETR, EVENTOUT - C4 85 - - PD4 I/O FT (1) USART2_RTS_DE, TIM2_CH2, EVENTOUT - - 86 - - PD5 I/O FT (1) USART2_TX, EVENTOUT - - 87 - - PD6 I/O FT (1) USART2_RX, TIM2_CH4, EVENTOUT - D4 88 - - PD7 I/O FT (1) USART2_CK, TIM2_CH3, EVENTOUT - A5 89 55 39 PB3 I/O FT - SPI3_SCK, I2S3_CK, SPI1_SCK, USART2_TX, TIM2_CH2, TIM3_ETR, TIM4_ETR, TIM8_CH1N, TSC_G5_IO1, JTDO- TRACESWO, EVENTOUT - Table 13. STM32F303xB/STM32F303xC pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |