| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM3210GPRIMER Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM3210GPRIMER Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() For further information contact your local STMicroelectronics sales office. October 2013 DocID13942 Rev 10 1/7 STM8L-PRIMER STM32-PRIMER STMPRIMER Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8 Data brief Features • The versatile EvoPrimer range includes: – In-circuit debugging/programming via dedicated USB connection to the host PC – Evaluation features including USB connector and MEMs sensor – Comprehensive development software – Ergonomic design – MEMs-based controls – Touchscreen TFT display, color LCD –Joystick – Audio circuit/Jack – MEMS accelerometer – Li-Ion battery with charge management circuit – Micro SD Card™ connector – Add-on connector for extension boards with USART, SPI, I2C and analog/digital I/Os • STM8L ultralow power EvoPrimer features: – STM8L152C6 MCU with 32 KB Flash – Low power consumption – LCD (7-segment) – Temperature sensor – Solar cells • STM32F105/107 EvoPrimer features: – STM32F107VC MCU with 256 KB Flash – Mini-USB OTG connector • STM32F103 EvoPrimer features: – STM32F103VG MCU with 1 MB Flash – Mini-USB connector • STM32F407/417 EvoPrimer features: – STM32F407IG MCU with 1 MB Flash – 1.3 M pixel image sensor – 3-axis gyroscope – 16 Mbits of SRAM – STA529A audio-codec – Mini-USB connector (HS, USB 2.0 OTG) and dual CAN connector • STM32F429/439 EvoPrimer features: – STM32F429ZI MCU with 2 MB Flash –2 MB SDRAM • STM32L ultralow power EvoPrimer features: – STM32L152VB MCU with 128 KB Flash – LCD (14-segment) – Temperature and pressure sensors – Solar cells and Li-ion battery • Inertial sensor extension board features: – 3-axis gyroscope – Pressure and temperature sensor – Magnetometer and accelerometer Table 1. Device summary Part number Order code STM32-PRIMER STM3242IPRIMER STM3240GPRIMER STM3210GPRIMER STM3210CPRIMER STM32L15PRIMER STM8L-PRIMER STM8L1526PRIMER STMPRIMER (accessories) STM3242IPRIM-D STM3240GPRIM-D STM3210GPRIM-D STM3210CPRIM-D STM32L15PRIM-D STM8L1526PRIM-D STMPRIMER-PROTO STMPRIMER-BASE STMPRIMER-EXT EvoPrimer with STM8 or STM32 (STM8L-PRIMER, STM32-PRIMER, STMPRIMER) www.st.com |
Número de pieza similar - STM3210GPRIMER |
|
Descripción similar - STM3210GPRIMER |