Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DSL03-024SC6 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza DSL03-024SC6
Descripción Electrónicos  Low capacitance TVS for high speed lines such as xDSL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL03-024SC6 Datasheet(HTML) 6 Page - STMicroelectronics

  DSL03-024SC6 Datasheet HTML 1Page - STMicroelectronics DSL03-024SC6 Datasheet HTML 2Page - STMicroelectronics DSL03-024SC6 Datasheet HTML 3Page - STMicroelectronics DSL03-024SC6 Datasheet HTML 4Page - STMicroelectronics DSL03-024SC6 Datasheet HTML 5Page - STMicroelectronics DSL03-024SC6 Datasheet HTML 6Page - STMicroelectronics DSL03-024SC6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
DSL03
6/7
DocID022325 Rev 2
3
Ordering information
Figure 10. Ordering information scheme
4
Revision history
Table 4. Ordering information
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
DSL03-010SC6
ST10
SOT23-6L
17.3 mg
3000
Tape and reel
DSL03-022SC6
ST22
DSL03-024SC6
ST24
DSL 0x -
vvv SC6
DSL protection
Version
Stand-off voltage
Package
10 = 10 V
SC6 = SOT23-6L
Table 5. Document revision history
Date
Revision
Changes
07-Feb-2014
1
Initial release
03-Feb-2015
2
Updated Features and Description. Added Figure 5 and Figure 6.



Html Pages

1 2 3 4 5 6 7