Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STEVAL-ISB038V1T Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza STEVAL-ISB038V1T
Descripción Electrónicos  1 W wearable wireless power transmitter based on STWBC-WA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISB038V1T Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISB038V1T Datasheet HTML 1Page - STMicroelectronics STEVAL-ISB038V1T Datasheet HTML 2Page - STMicroelectronics STEVAL-ISB038V1T Datasheet HTML 3Page - STMicroelectronics STEVAL-ISB038V1T Datasheet HTML 4Page - STMicroelectronics STEVAL-ISB038V1T Datasheet HTML 5Page - STMicroelectronics STEVAL-ISB038V1T Datasheet HTML 6Page - STMicroelectronics STEVAL-ISB038V1T Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
November 2016
DocID029590 Rev 2
1/7
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISB038V1T
1 W wearable wireless power transmitter based on STWBC-WA
Data brief
Features
STWBC-WA based wireless power
transmitter
Additional transmitter module
compatible with the STEVAL-ISB038V1
reference kit
Cost effective Half Bridge topology with
integrated drivers
Optional Full Bridge configuration for 3
W applications
Active presence detector
2-layer PCB for easy design
Turnkey solution or customizable via
APIs
Parametric customization via graphical
interface
Full KIT characteristics:
11 mm coil on Receiver
20 mm coil on Transmitter
1 Watt delivered on Receiver side
USB 5 V input
Foreign Object Detection (FOD)
optional
Graphical interface for monitoring
behavior
Total reference design
RoHS compliant
STWLC04 wireless power receiver
Output voltage: 5 V regulated voltage
Integrated high efficiency synchronous
rectifier
Li-Ion/Li-Pol charger functionality
4-layer PCB for easy design
Description
STEVAL-ISB038V1T is the wireless battery
charger transmitter module in the STEVAL-
ISB038V1 Reference Design Kit.
The STEVAL-ISB038V1 is a wireless battery
charger evaluation kit designed for ultra-compact
battery operated devices such as wearable gear,
smartwatches, Internet Of Things sensors,
medical devices, etc.
The kit supports wireless power transfer of 1 Watt
over an 11 mm coil on the receiver side and 20
mm on transmitter side.
The kit configuration delivers 1 Watt of power at
the receiver side.
While the Kit is configured to support low power
(1 W) applications, it can support up to 3 W
applications with wider coils or by switching to
full-bridge configuration on the transmitters.
The STWBC-WA transmitter is based on a cost-
effective half bridge topology (full-bridge optional)
offering the flexibility of a powerful software API
allowing LED and GPIO control, as well as
adding external interfaces via I²C and UART
communication ports.


Número de pieza similar - STEVAL-ISB038V1T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
1 W wearable wireless power system based on STWBC-WA and STWLC04
21-Nov-2016
STEVAL-ISB038V1R STMICROELECTRONICS-STEVAL-ISB038V1R Datasheet
767Kb / 6P
1 W Wearable wireless charger receiver based on STWLC04
21-Nov-2016
More results

Descripción similar - STEVAL-ISB038V1T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STWLC04 STMICROELECTRONICS-STWLC04 Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
logo
Integrated Device Techn...
P9235A-R IDT-P9235A-R Datasheet
1Mb / 23P
Wireless Power Transmitter
logo
STMicroelectronics
STEVAL-ISB027V1 STMICROELECTRONICS-STEVAL-ISB027V1 Datasheet
355Kb / 6P
Qi A11 wireless charger transmitter evaluation board based on STWBC
02-Mar-2015
STEVAL-ISB038V1 STMICROELECTRONICS-STEVAL-ISB038V1 Datasheet
724Kb / 9P
1 W wearable wireless power system based on STWBC-WA and STWLC04
21-Nov-2016
STEVAL-ISB038V1R STMICROELECTRONICS-STEVAL-ISB038V1R Datasheet
767Kb / 6P
1 W Wearable wireless charger receiver based on STWLC04
21-Nov-2016
STEVAL-ISB039V1 STMICROELECTRONICS-STEVAL-ISB039V1 Datasheet
562Kb / 7P
1 W wireless charger system Tx/Rx based on STM32F0 and STWLC03
15-Sep-2016
STEVAL-ISB039V1T STMICROELECTRONICS-STEVAL-ISB039V1T Datasheet
394Kb / 6P
1 W Wireless power transmitter based on STM32F0
05-Aug-2016
logo
Dialog Semiconductor
SLG7NT41502 DIALOG-SLG7NT41502 Datasheet
666Kb / 10P
CURIE BASED WEARABLE
logo
STMicroelectronics
EVALSTWBC-EP STMICROELECTRONICS-EVALSTWBC-EP Datasheet
2Mb / 4P
Qi MP-A15 15W wireless charger TX evaluation kit based on STWBC-EP
May 2019
logo
Renesas Technology Corp
SLG7NT41502V RENESAS-SLG7NT41502V Datasheet
832Kb / 10P
CURIE BASED WEARABLE
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com