| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
INA3010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
INA3010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 8 page ![]() INA3010 3 Table 1 Command matrix (X-DR) Code X-lines DR-lines Command bits no. 0 123 456 701 234 567 5 4 3 2 1 0 0 x x 000 000 1 x x 000 001 2 x x 000 010 3 x x 000 011 4 x x 000 100 5 x x 000 101 6 x x 000 110 7 x x 000 111 8 x x 001 000 9 x x 001 001 10 x x 001 010 11 x x 001 011 12 x x 001 100 13 x x 001 101 14 x x 001 110 15 x x 001 111 16 x x 010 000 17 x x 010 001 18 x x 010 010 19 x x 010 011 20 x x 010 100 21 x x 010 101 22 x x 010 110 23 x x 010 111 24 x x 011 000 25 x x 011 001 26 x x 011 010 27 x x 011 011 28 x x 011 100 29 x x 011 101 30 x x 011 110 31 x x 011 111 32 x x 100 000 33 x x 100 001 34 x x 100 010 35 x x 100 011 36 x x 100 100 37 x x 100 101 38 x x 100 110 39 x x 100 111 40 x x 101 000 41 x x 101 001 42 x x 101 010 43 x x 101 011 44 x x 101 100 45 x x 101 101 46 x x 101 110 47 x x 101 111 48 x x 110 000 Table 1 Command matrix (X-DR) (Continued) |