Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LP2980IBP-3.3 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LP2980IBP-3.3
Descripción Electrónicos  Micropower 50 mA Ultra Low-Dropout Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980IBP-3.3 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP2980IBP-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP2980IBP-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP2980IBP-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP2980IBP-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP2980IBP-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP2980IBP-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2980IBP-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2980IBP-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2980IBP-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Operating Junction Temperature
Range
−40˚C to +125˚C
Lead Temperature
(Soldering, 5 sec.)
260˚C
ESD Rating (Note 2)
2 kV
Power Dissipation (Note 3)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +16V
Input Supply Voltage (Operating)
2.1V to +16V
Shutdown Input Voltage (Survival)
−0.3V to +16V
Output Voltage (Survival), (Note 4)
−0.3V to +9V
I
OUT (Survival)
Short Circuit Protected
Input-Output Voltage (Survival),
(Note 5)
−0.3V to +16V
Electrical Characteristics
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, COUT = 1 µF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2980AI-XX
LP2980I-XX
Units
(Note 6)
(Note 6)
Min
Max
Min
Max
∆V
O
Output Voltage
Tolerance
I
L = 1 mA
−0.50
0.50
−1.0
1.0
%V
NOM
1mA < I
L < 50 mA
−0.75
0.75
−1.5
1.5
−2.5
2.5
−3.5
3.5
Output Voltage
V
O(NOM) +1V
0.007
0.014
0.014
%/V
Line Regulation
≤ V
IN ≤ 16V
0.032
0.032
V
IN–VO
Dropout Voltage
I
L = 0
133
mV
(Note 7)
55
I
L = 1 mA
7
10
10
15
15
I
L = 10 mA
406060
90
90
I
L = 50 mA
120
150
150
225
225
I
GND
Ground Pin Current
I
L = 0
65
95
95
µA
125
125
I
L = 1 mA
80
110
110
170
170
I
L = 10 mA
140
220
220
460
460
I
L = 50 mA
375
600
600
1200
1200
V
ON/OFF < 0.18V
0
11
V
ON/OFF
ON/OFF Input Voltage
High = O/P ON
1.4
1.6
1.6
V
(Note 8)
Low = O/P OFF
0.55
0.18
0.18
I
ON/OFF
ON/OFF Input Current
V
ON/OFF =0
0
−1
−1
µA
V
ON/OFF =5V
5
15
15
I
O(PK)
Peak Output Current
V
OUT ≥ VO(NOM) − 5%
150
100
100
mA
e
n
Output Noise
BW = 300 Hz–50 kHz,
160
µV
Voltage (RMS)
C
OUT =10 µF
Ripple Rejection
f = 1 kHz
63
dB
C
OUT =10 µF
I
O(MAX)
Short Circuit Current
R
L = 0 (Steady State)
150
mA
(Note 9)
Note 1: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the de-
vice outside of its rated operating conditions.
Note 2: The ESD rating of pins 3 and 4 is 1 kV.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18