Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74ACT20 Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza 74ACT20
Descripción Electrónicos  DUAL 4-INPUT NAND GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT20 Datasheet(HTML) 6 Page - STMicroelectronics

  74ACT20 Datasheet HTML 1Page - STMicroelectronics 74ACT20 Datasheet HTML 2Page - STMicroelectronics 74ACT20 Datasheet HTML 3Page - STMicroelectronics 74ACT20 Datasheet HTML 4Page - STMicroelectronics 74ACT20 Datasheet HTML 5Page - STMicroelectronics 74ACT20 Datasheet HTML 6Page - STMicroelectronics 74ACT20 Datasheet HTML 7Page - STMicroelectronics 74ACT20 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74ACT20
6/8
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C0.5
0.019
c1
45 (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M0.68
0.026
S8 (max.)
P013G
SO-14 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8