| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MF10ACWM Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
MF10ACWM Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 20 page ![]() TLH10399 December 1994 MF10 Universal Monolithic Dual Switched Capacitor Filter General Description The MF10 consists of 2 independent and extremely easy to use general purpose CMOS active filter building blocks Each block together with an external clock and 3 to 4 resis- tors can produce various 2nd order functions Each building block has 3 output pins One of the outputs can be config- ured to perform either an allpass highpass or a notch func- tion the remaining 2 output pins perform lowpass and band- pass functions The center frequency of the lowpass and bandpass 2nd order functions can be either directly depen- dent on the clock frequency or they can depend on both clock frequency and external resistor ratios The center fre- quency of the notch and allpass functions is directly depen- dent on the clock frequency while the highpass center fre- quency depends on both resistor ratio and clock Up to 4th order functions can be performed by cascading the two 2nd order building blocks of the MF10 higher than 4th order functions can be obtained by cascading MF10 packages Any of the classical filter configurations (such as Butter- worth Bessel Cauer and Chebyshev) can be formed For pin-compatible device with improved performance refer to LMF100 datasheet Features Y Easy to use Y Clock to center frequency ratio accuracy g06% Y Filter cutoff frequency stability directly dependent on external clock quality Y Low sensitivity to external component variation Y Separate highpass (or notch or allpass) bandpass low- pass outputs Y fO c Q range up to 200 kHz Y Operation up to 30 kHz Y 20-pin 03 wide Dual-In-Line package Y 20-pin Surface Mount (SO) wide-body package System Block Diagram TLH10399 – 1 Connection Diagram Surface Mount and Dual-In-Line Package TLH10399 – 4 Top View Order Number MF10AJ or MF10CCJ See NS Package Number J20A Order Number MF10ACWM or MF10CCWM See NS Package Number M20B Order Number MF10ACN or MF10CCN See NS Package Number N20A C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Número de pieza similar - MF10ACWM |
|
Descripción similar - MF10ACWM |