Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VSC7133 Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

No. de pieza VSC7133
Descripción Electrónicos  10-bit Transceiver for Fibre Channel and Gigabit Ethernet
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VITESSE [Vitesse Semiconductor Corporation]
Página de inicio  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7133 Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7133 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC7133 Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© VITESSE SEMICONDUCTOR CORPORATION
Page 7
1/17/00
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
VITESSE
SEMICONDUCTOR CORPORATION
10-bit Transceiver for Fibre
Channel and Gigabit Ethernet
Advance Product Information
VSC7133
G52187-0 Rev. 2.4
Figure 5: Receive Timing Waveforms
Table 3: Receive AC Characteristics
Parameters
Description
Min.
Max.
Units
Conditions
T1
TTL Outputs Valid prior
to RCLK/RCLKN rise
4.0
3.0
ns
@ 1.0625Gb/s
@ 1.25Gb/s
T2
TTL Outputs Valid after
RCLK or RCLKN rise
3.0
2.0
ns
@ 1.0625Gb/s
@ 1.25Gb/s
T3
Delay between rising
edge of RCLK to rising
edge of RCLKN
10 x TRX
-500
10 x TRX
+500
ps
TRX is the bit period of the
incoming data on Rx.
T4
Period of RCLK and
RCLKN
1.98 x
TREFCLK
2.02 x
TREFCLK
ps
Whether or not locked to
serial data.
TR, TF
R(0:9), COMDET,
SIGDET, RCLK and
RCLKN rise and fall time
—2.4
ns
Between VIL(MAX) and
VIH(MIN), into 10 pf. load.
RLAT
Latency from RX to
R(0:9)
12 bc + 1 ns
13 bc + 9 ns
bc
ns
bc = Bit clock
ns = Nano second
TLOCK*
Data acquisition lock time
—1400
bc
8B/10B IDLE pattern.
bc= bit clocks
* Note: Probability of recovery for data acquisition is 95% per Section 5.3 of FC-PH rev. 4.3
RCLK
R(0:9)
RCLKN
T2
T3
Data Valid
Data Valid
T1
T4
Data Valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com