| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IOBUS0 Datasheet(PDF) 26 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
IOBUS0 Datasheet(HTML) 26 Page - Future Technology Devices International Ltd. |
|
26 / 88 page ![]() 26 C opyright © Future T ec hnology Devic es I nternational Limited Datasheet Vinculum-II Embedded Dual USB Host Controller IC V ers ion 1 .7 Doc ument N o.: FT _000138 C learance N o.: FT DI# 1 43 Figure 5.2 details the UART, SPI slave0 and SPI master connecting to IOBUS pins: IOBUS0 IOBUS1 IOBUS2 IOBUS3 IOBUS4 IOBUS5 IOBUS6 IOBUS7 IOBUS8 IOBUS9 IOBUS10 IOBUS11 IOBUS12 IOBUS13 IOBUS14 IOBUS15 IOBUS16 IOBUS17 IOBUS18 IOBUS19 IOBUS20 IOBUS21 IOBUS22 IOBUS23 IOBUS24 IOBUS25 IOBUS26 IOBUS27 IOBUS28 IOBUS29 IOBUS30 IOBUS31 IOBUS43 uart_txd uart_rxd uart_rts# uart_cts# uart_dtr# uart_dsr# uart_dcd# uart_ri# uart_tx_active spi_s0_clk spi_s0_mosi spi_s0_miso spi_s0_ss# spi_s1_clk spi_s1_mosi spi_s1_miso spi_s1_ss# spi_m_clk spi_m_mosi spi_m_miso spi_m_ss_0# spi_m_ss_1# Peripheral Pin IOBUS Pin gpio[A0] gpio[A1] gpio[A2] gpio[A3] gpio[A4] gpio[A5] gpio[A6] gpio[A7] gpio[E7] Figure 5.2 IOBUS to UART, SPI slave0 and SPI master example |