| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STGD3NB60F Datasheet(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STGD3NB60F Datasheet(HTML) 3 Page - STMicroelectronics |
|
3 / 14 page ![]() 3/14 STGP3NB60F/STGD3NB60F/STGP3NB60FD/STGF3NB60FD/STGB3NB60FD SWITCHING PARAMETERS COLLECTOR-EMITTER DIODE (“D” VERSION) Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %. 2. Pulse width limited by max. junction temperature. (**)Losses include Also the Tail (Jedec Standardization) Symbol Parameter Test Conditions Min. Typ. Max. Unit gfs Forward Transconductance VCE =25V,Ic =3A 2S Cies Coes Cres Input Capacitance Output Capacitance Reverse Transfer Capacitance VCE =25V,f= 1MHz,VGE = 0 230 33 6 pF pF pF Qg Qge Qgc Total Gate Charge Gate-Emitter Charge Gate-Collector Charge VCE = 480 V, IC =3A, VGE =15 V 16 1.5 8 20 nC nC nC td(on) tr Turn-on Delay Time Rise Time VCC = 480 V, IC =3 A RG =10Ω,VGE =15 V 12.5 4 ns ns (di/dt)on Eon Turn-on Current Slope Turn-on Switching Losses VCC= 480 V, IC =3 ARG=10Ω VGE = 15 V,Tj = 125°C 840 31 A/µs µJ tc tr(Voff) td(off) tf Eoff(**) Ets Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Vcc =480 V, IC =3 A, RGE =10 Ω ,VGE =15 V Tj = 25 °C 220 60 105 150 125 149 ns ns ns ns µJ µJ tc tr(Voff) td(off) tf Eoff(**) Ets Cross-over Time Off Voltage Rise Time Delay Time Fall Time Turn-off Switching Loss Total Switching Loss Vcc =480 V, IC =3 A, RGE =10 Ω ,VGE =15 V Tj = 125 °C 490 174 230 305 295 326 ns ns ns ns µJ µJ Symbol Parameter Test Conditions Min. Typ. Max. Unit Vf Forward On-Voltage If = 1.5 A If = 1.5 A, Tj = 125 °C 1.31 0.95 1.8 V V trr Qrr Irrm Reverse Recovery Time Reverse Recovery Charge Reverse Recovery Current If =3A ,VR =35 V, Tj =125°C, di/dt = 100 A/ µs 45 70 2.7 ns nC A |