| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMX2355TM Datasheet(PDF) 20 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMX2355TM Datasheet(HTML) 20 Page - National Semiconductor (TI) |
|
20 / 23 page ![]() Programming Description (Continued) 5.5 LOCK DETECT DIGITAL FILTER The Lock Detect Digital Filter compares the difference between the phase of the inputs of the phase detector to a RC generated delay of approximately 15 ns. To enter the locked state (Lock = HIGH) the phase error must be less than the 15 ns RC delay for 5 consecutive reference cycles. Once in lock (Lock = HIGH), the RC delay is changed to approximately 30 ns. To exit the locked state (Lock = LOW), the phase error must become greater than the 30 ns RC delay. When the PLL is in the power down mode, Lock is forced LOW. A flow chart of the digital filter is shown at right. 20004804 www.national.com 20 |