Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PA.11 Datasheet(PDF) 2 Page - Taoglas antenna solutions

No. de pieza PA.11
Descripción Electrónicos  SMT Mount
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAOGLAS [Taoglas antenna solutions]
Página de inicio  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA.11 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  PA.11 Datasheet HTML 1Page - Taoglas antenna solutions PA.11 Datasheet HTML 2Page - Taoglas antenna solutions PA.11 Datasheet HTML 3Page - Taoglas antenna solutions PA.11 Datasheet HTML 4Page - Taoglas antenna solutions PA.11 Datasheet HTML 5Page - Taoglas antenna solutions PA.11 Datasheet HTML 6Page - Taoglas antenna solutions PA.11 Datasheet HTML 7Page - Taoglas antenna solutions PA.11 Datasheet HTML 8Page - Taoglas antenna solutions PA.11 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SPE-11-8-091/C Page 2 of 19
1. Introduction
This specification covers the Dielectric PIFA Antenna for 2400-2484MHz,
covering such applications as Wi-Fi, Bluetooth and Zigbee. A ceramic
dielectric
PIFA antenna offers smallest footprint, superior gain characteristics and
improved isolation over traditional PCB based antennas. This antenna has
been developed for the top right hand corner edge of the component side
of the Board (bottom left corner edge), the antenna has to be positioned
on a non-ground (copper/metal free) area with the feed-point matched
direct to the module. Please refer to Recommended Foot print Diagram
(8.0 Page 13.).
Many module manufacturers specify peak gain limits for any antennas
that are to be connected to that module. Those peak gain limits are based
on free-space conditions. In practice, the peak gain of an antenna tested
in free-space can degrade by at least 1 or 2dBi when put inside a device.
So ideally you should go for a slightly higher peak gain antenna than
mentioned on the module specification to compensate for this effect,
giving you better performance.
Upon testing of any of our antennas with your device and a selection of
appropriate layout, integration technique, or cable, Taoglas can make
sure any of our antennas’ peak gain will be below the peak gain limits.
Taoglas can then issue a specification and/or report for the selected
antenna in your device that will clearly show it complying with the peak
gain limits, so you can be assured you are meeting regulatory
requirements for that module.
For example, a module manufacturer may state that the antenna must
have less than 2dBi peak gain, but you don’t need to select an embedded
antenna that has a peak gain of less than 2dBi in free-space. This will
give you a less optimized solution. It is better to go for a slightly higher
free-space peak gain of 3dBi or more if available. Once that antenna gets
integrated into your device, performance will degrade below this 2dBi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19