Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AP.25J.01.10000D Datasheet(PDF) 2 Page - Taoglas antenna solutions

No. de pieza AP.25J.01.10000D
Descripción Electrónicos  low power consumption
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TAOGLAS [Taoglas antenna solutions]
Página de inicio  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP.25J.01.10000D Datasheet(HTML) 2 Page - Taoglas antenna solutions

  AP.25J.01.10000D Datasheet HTML 1Page - Taoglas antenna solutions AP.25J.01.10000D Datasheet HTML 2Page - Taoglas antenna solutions AP.25J.01.10000D Datasheet HTML 3Page - Taoglas antenna solutions AP.25J.01.10000D Datasheet HTML 4Page - Taoglas antenna solutions AP.25J.01.10000D Datasheet HTML 5Page - Taoglas antenna solutions AP.25J.01.10000D Datasheet HTML 6Page - Taoglas antenna solutions AP.25J.01.10000D Datasheet HTML 7Page - Taoglas antenna solutions AP.25J.01.10000D Datasheet HTML 8Page - Taoglas antenna solutions AP.25J.01.10000D Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPE-12-8-072/D/SS
Page 2 of 9
1. Introduction
The AP.25J active GPS patch antenna is the highest gain GPS high performance
antenna currently available in the world. A 25mm GPS patch antenna with three
stage LNA delivers 40dB of gain. This product is suited for applications such as
timing applications for base stations or out-building installations which need long
cable lengths to the receiver, typically over lengths exceeding 5M at RG174 and
over 30M using low loss cable as CFD200 or LMR200.
2. Specification
2.1 Antenna
Parameter
Specification
Frequency
1575.42 ± 4MHz
Gain
Typ. 4dBic @ Zenith (for 70mm*70mm ground)
Impedance
50Ω
Polarization
RHCP
Axial Ratio
Max 3.0dB @ Zenith (for 70mm*70mm ground)
Dimension
25mm x 25mm x 8.5mm {Patch 25*25*4mm}
2.2 LNA
Parameter
Specification
Frequency
1575.42 ± 10MHz
Gain
Typ. 34dB (at 1.8V)
Min. 38dB, Typ. 40dB (at 3.0V)
Min. 38dB, Typ. 40dB (at 5.0V)
Noise Figure
Max. 1.5dB @ 25oC ± 5oC
Output Impedance
50Ω
Output VSWR
Max. 2.0
Outer Band Attenuation
F0=1575.42MHz
F0±50MHz 20dB min
F0±100MHz 25dB min



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com