Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VLPC0303A1 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza VLPC0303A1
Descripción Electrónicos  High Brightness LED Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLPC0303A1 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLPC0303A1 Datasheet HTML 1Page - Vishay Siliconix VLPC0303A1 Datasheet HTML 2Page - Vishay Siliconix VLPC0303A1 Datasheet HTML 3Page - Vishay Siliconix VLPC0303A1 Datasheet HTML 4Page - Vishay Siliconix VLPC0303A1 Datasheet HTML 5Page - Vishay Siliconix VLPC0303A1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VLPC0303A1, VLPN0303A1, VLPW0303A1
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 13-Dec-11
2
Document Number: 83339
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(1) Calculated based on single LED unit.
(2) VF classes are marked at the LED cluster and represent the technical classification only. The single groups cannot be specifically ordered.
Notes
• Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(1) Calculated based on single LED unit.
(2) VF classes are marked at the LED cluster and represent the technical classification only. The single groups cannot be specifically ordered.
Notes
• Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(1) Calculated based on single LED unit.
(2) VF classes are marked at the LED cluster and represent the technical classification only. The single groups cannot be specifically ordered.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLPC0303A1, COOL WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux per row (1)
IF = 350 mA
V
240
270
-
lm
Luminous flux total (1)
Iboard = 3 x 350 mA
V
720
810
-
lm
Color temperature
IF = 350 mA
TK
5000
-
7000
K
Forward voltage per row
IF = 350 mA
VF
910
12
V
(VFmax. - VFmin.) all rows (2)
IF = 350 mA
V
F
0-
0.6
V
Temperature coefficient of VF per row
IF = 350 mA
TCVF
-- 10
-
mV/K
Temperature coefficient of
V
IF = 350 mA
TC
V
-
- 0.4
-
%/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLPN0303A1, NATURAL WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux per row (1)
IF = 350 mA
V
200
240
-
lm
Luminous flux total (1)
Iboard = 3 x 350 mA
V
600
720
-
lm
Color temperature
IF = 350 mA
TK
3800
-
5000
K
Forward voltage per row
IF = 350 mA
VF
910
12
V
(VFmax. - VFmin.) all rows (2)
IF = 350 mA
V
F
0-
0.6
V
Temperature coefficient of VF per row
IF = 350 mA
TCVF
-- 10
-
mV/K
Temperature coefficient of
V
IF = 350 mA
TC
V
-
- 0.4
-
%/K
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
VLPW0303A1, WARM WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux per row (1)
IF = 350 mA
V
180
220
-
lm
Luminous flux total (1)
Iboard = 3 x 350 mA
V
540
660
-
lm
Color temperature
IF = 350 mA
TK
2850
-
3500
K
Forward voltage per row
IF = 350 mA
VF
910
12
V
(VFmax. - VFmin.) all rows (2)
IF = 350 mA
V
F
0-
0.6
V
Temperature coefficient of VF per row
IF = 350 mA
TCVF
-- 10
-
mV/K
Temperature coefficient of
V
IF = 350 mA
TC
V
-
- 0.4
-
%/K



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com