Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TM133FSA2 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

No. de pieza TM133FSA2
Descripción Electrónicos  Fibre Channel transceiver line interface module
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PULSE [Pulse A Technitrol Company]
Página de inicio  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

TM133FSA2 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  TM133FSA2 Datasheet HTML 1Page - Pulse A Technitrol Company TM133FSA2 Datasheet HTML 2Page - Pulse A Technitrol Company TM133FSA2 Datasheet HTML 3Page - Pulse A Technitrol Company TM133FSA2 Datasheet HTML 4Page - Pulse A Technitrol Company TM133FSA2 Datasheet HTML 5Page - Pulse A Technitrol Company TM133FSA2 Datasheet HTML 6Page - Pulse A Technitrol Company TM133FSA2 Datasheet HTML 7Page - Pulse A Technitrol Company TM133FSA2 Datasheet HTML 8Page - Pulse A Technitrol Company TM133FSA2 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EMC Immunity and Radiated Emissions Tests
Radiated Emissions, FCC Class B, 6 dB margin
IEC 1000-4-2 ESD Test Method
Performance Criteria B, Level 2
IEC 1000-4-3 Radiated Immunity
Performance Criteria A, Level 3 (10V/m)
IEC 10004-4 EFT Test Method
Performance Criteria B, Level 3 (at I/O port)
Criteria A: The system shall continue to operate normally. The EUT shall be deemed to have passed the immunity tests if no bit
errors occur when receiving data over the cable. Changes of state, reset condition, unrecoverable jab condition,
blocked network, or loss of packets is unacceptable.
Criteria B: The system shall operate normally with no data errors through the loop after the test. During the test, data errors,
aborted frames and collisions are acceptable. No change of operating state such as system reset or unrecoverable
condition is permitted during or after the test.
Product Qualification Test Outline
V. Subgroup V (6 pieces)
Thermal shock
Per MIL-STD-202, Method 107, Condition A-1, except
temperature range shall be -20° C to +125° C, 25 cycles
Vibration
Per MIL-STD-202, Method 204D, Condition D, 20G
peak acceleration, 10 Hz to 2 KHz and return to 10 Hz
traversed in 6 minutes
Shock
Per MIL-STD-202, Method 213B, Condition J, 30G,
11msec shock, 3 shocks in each direction along
mutually perpendicular axes
VI. Subgroup VI (6 pieces)
Life Test
Per MIL-STD-202, Method 108, 1000 hours at a
temperature of 75° C
VII. Subgroup VII (8 pieces)
Humidity Test
Humidity test @ 40° C, and 90% humidity (4 pieces)
VIII. Subgroup VIII (6 pieces)
Electrostatic Discharge, ESD Classification
The ESD classification to be derived from ESD
testing per IEC801-2, EN50082-1, Criteria B
NOTE: There shall be 0 (zero) rejects allowable for
each of the subgroups.
I. Subgroup I (all devices - 40 pieces)
Electrical tests at 25°
Receiver (Rx) tests
- Jitter (total peak-to-peak)
Transmit (TX) tests
- CMI Mask Test (rise time, fall time, and amplitude)
- Jitter (total peak-to-peak)
Total power supply current
II. Subgroup II (4 pieces)
External visual inspection
Resistance to solvents per MIL-STD-202, Method 215H
- 1 part isopropyl alcohol, 3 parts mineral spirits
- Trichloroethane
- Terpene defluxer with a minimum of 90% d-limonene
and 10% surfactant
- 42 parts water, 1 part propylene glycol monomethyl
ether, 1 part monoethanolamine
Terminal strength per MIL-STD-883, Method 2004.5
- Lead tension
III. Subgroup III (4 pieces)
Solderability
Per MIL-STD-202, Method 208, with a 4-hour
steam age
IV. Subgroup IV (6 pieces)
Resistance to soldering heat
Hand solder (2 pieces), solder dip temperature of 430
±5° C for 3 seconds maximum
Vapor phase reflow (4 pieces) for a period of 60
seconds at a temperature of 215 +5/-0° C
TWO PEARL BUCK COURT
BRISTOL, PA 19007-6812
TEL 215-781-6400
FAX 215-781-6403
www.pulsespecialty.com
Fibre Channel Module — 3
PULSE SPECIALTY COMPONENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com