Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMC6484AIM Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LMC6484AIM
Descripción Electrónicos  CMOS Quad Rail-to-Rail Input and Output Operational Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6484AIM Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMC6484AIM Datasheet HTML 14Page - National Semiconductor (TI) LMC6484AIM Datasheet HTML 15Page - National Semiconductor (TI) LMC6484AIM Datasheet HTML 16Page - National Semiconductor (TI) LMC6484AIM Datasheet HTML 17Page - National Semiconductor (TI) LMC6484AIM Datasheet HTML 18Page - National Semiconductor (TI) LMC6484AIM Datasheet HTML 19Page - National Semiconductor (TI) LMC6484AIM Datasheet HTML 20Page - National Semiconductor (TI) LMC6484AIM Datasheet HTML 21Page - National Semiconductor (TI) LMC6484AIM Datasheet HTML 22Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
Typical Single-Supply Applications (Continued)
In
Figure 23 dielectric absorption and leakage is minimized by using a polystyrene or polyethylene hold capacitor. The droop rate
is primarily determined by the value of C
H and diode leakage current. The ultra-low input current of the LMC6484 has a negligible
effect on droop.
The LMC6484’s high CMRR (85 dB) allows excellent accuracy throughout the circuit’s rail-to-rail dynamic capture range.
The low pass filter circuit in
Figure 25 can be used as an anti-aliasing filter with the same voltage supply as the A/D converter.
Filter designs can also take advantage of the LMC6484 ultra-low input current. The ultra-low input current yields negligible offset
error even when large value resistors are used. This in turn allows the use of smaller valued capacitors which take less board
space and cost less.
DS011714-37
FIGURE 23. Low Voltage Peak Detector with Rail-to-Rail Peak Capture Range
DS011714-38
FIGURE 24. Rail-to-Rail Sample and Hold
DS011714-27
FIGURE 25. Rail-to-Rail Single Supply Low Pass Filter
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22