Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SX8656ICSTRT Datasheet(PDF) 13 Page - Semtech Corporation

No. de pieza SX8656ICSTRT
Descripción Electrónicos  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SEMTECH [Semtech Corporation]
Página de inicio  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8656ICSTRT Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SX8656ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 10Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 11Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 12Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 13Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 14Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 15Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 16Page - Semtech Corporation SX8656ICSTRT Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
13
www.semtech.com
SX8654/SX8655/SX8656
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
4
TOUCHSCREEN INTERFACE
4.1
Introduction
The purpose of the touchscreen interface is to measure and extract touch information like coordinates and
pressure. This is done in two steps, first an ADC measures the analog signal coming from the screen, and then
digital processing is performed to consolidate the data.
As illustrated below the chip’s touchscreen interface is compatible with both 4-wire and 5-wire touchscreens.
Touchscreen type is defined by parameter TSTYPE.
Figure 9 – Touchscreen Interface Overview
A 4-wire resistive touch screen consists in two (resistive) conductive sheets separated by an insulator when not
pressed. Each sheet is connected through 2 electrodes at the border of the sheet. When a pressure is applied
on the top sheet, a connection with the lower sheet is established.
Figure 10 – 4-wire Touchscreen
A 5-wire resistive touch screen consists in two (resistive) conductive sheets separated by an insulator when not
pressed. 4 electrodes are connected on the 4 corners of the bottom conductive sheet. They are referred as Top
Left (TL), Top Right (TR), Bottom Left (BL) and Bottom Right (BR).
The fifth wire (WIPER) is used for sensing the top sheet voltage. When a pressure is applied on the top sheet, a
connection with the lower sheet is established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com