| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMC2001AIM Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LMC2001AIM Datasheet(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 11 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. ESD Tolerance (Note 2) Human Body Model 2500V Machine Model 150V Differential Input Voltage ± Supply Voltage Supply Voltage (V + -V-) 5.6V Current At Input Pin 30mA Current At Output Pin 30mA Current At Power Supply Pin (Note 3) 50mA Lead Temperature (soldering, 10 sec) 260˚C Storage Temperature Range -65˚C to 150˚C Junction Temperature (T J ) (Note 4) 150˚C Operating Ratings (Note 1) Supply voltage 4.75V to 5.25V Temperature Range LMC2001AI -40˚C ≤ T J ≤ 85˚C LMC2001AC 0˚C ≤ T J ≤ 70˚C Thermal resistance ( θ JA) M Package, 8-pin Surface Mount 180˚C /W M5 Package, SOT23-5 274˚C /W DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T J = 25˚C, V + = 5V, V- = 0V, V CM = 2.5V, VO = 2.5V and RL > 1MΩ. Boldface limits apply at the temperature extremes. Symbol Parameter Conditions Typ (Note 5) Limit(Note 6) Units V OS Input Offset Voltage (Note 11) 0.5 40 60 µV max Offset Calibration Time 5 30 ms TCV OS Input Offset Voltage (Note 12) 0.015 µV/˚C Long-Term Offset Drift (Note 8) 0.006 µV/month Lifetime V OS drift (Note 8) 2.5 5 µV Max I IN Input Current (Note 9) -3 pA I OS Input Offset Current 6 pA R IND Input Differential Resistance 9 M Ω CMRR Common Mode Rejection Ratio 0V ≤ V CM ≤ 3.5V 120 100 dB min 0.1V ≤ V CM ≤ 3.5V 110 90 dB min PSRR Power Supply Rejection Ratio 4.75V ≤ V+ ≤ 5.25V 120 95 90 dB min A VOL Large Signal Voltage Gain (Note 7) R L= 10kΩ 137 105 100 dB min R L =2kΩ 128 95 90 V O Output Swing R L = 10kΩ to 2.5V V IN(diff) = ±0.5V 4.975 4.955 4.955 V min 0.030 0.060 0.060 V max R L = 2kΩ to 2.5V V IN(diff) = ±0.5V 4.936 V 0.075 V I O Output Current Sourcing, V O =0V V IN(diff) = ±0.5V 5.9 4.1 1.5 mA min Sinking, V O =5V V IN(diff) = ±0.5V 14.5 4.5 1.5 mA min I S Supply Current 0.75 1.0 1.2 mA max www.national.com 2 |