Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTM421 Datasheet(PDF) 19 Page - Laird Tech Smart Technology

No. de pieza BTM421
Descripción Electrónicos  Changes and Revisions
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LSTD [Laird Tech Smart Technology]
Página de inicio  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM421 Datasheet(HTML) 19 Page - Laird Tech Smart Technology

Back Button BTM421 Datasheet HTML 13Page - Laird Tech Smart Technology BTM421 Datasheet HTML 14Page - Laird Tech Smart Technology BTM421 Datasheet HTML 15Page - Laird Tech Smart Technology BTM421 Datasheet HTML 16Page - Laird Tech Smart Technology BTM421 Datasheet HTML 17Page - Laird Tech Smart Technology BTM421 Datasheet HTML 18Page - Laird Tech Smart Technology BTM421 Datasheet HTML 19Page - Laird Tech Smart Technology BTM421 Datasheet HTML 20Page - Laird Tech Smart Technology BTM421 Datasheet HTML 21Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
BTM420/421
Bluetooth
® Data Module Hardware Integration Guide
Embedded Wireless Solutions Support
Center: http://ews-support.lairdtech.com
www.lairdtech.com/bluetooth
19
Laird
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852-2268-6567 x026
6 BLUETOOTH SIG APPROVALS
6.1 Application Note: Subsystem Combinations
This application note covers the procedure for generating a new Declaration ID for a Subsystem combination
on the Bluetooth SIG website. In the instance of subsystems, a member can combine two or more subsystems
to create a complete Bluetooth End Product solution.
Subsystem listings referenced as an example:
Design Name
Owner
Declaration ID
Link to listing on the SIG website
BT800
Laird
B016072
https://www.bluetooth.org/tpg/QLI_viewQDL.cfm?qid=16072
Windows 8
(Host Subsystem)
Microsoft
Corporation
B012854
https://www.bluetooth.org/tpg/QLI_viewQDL.cfm?qid=12854
6.1.1 Laird Customer Declaration ID Procedure
This procedure assumes that the member is simply combining two subsystems to create a new design,
without any modification to the existing, qualified subsystems. This is achieved by using the Listing interface
on the Bluetooth SIG website. Figure 1 shows the basic subsystem combination of a controller and host
subsystem. The Controller provides the RF/BB/LM and HCI layers, with the Host providing L2CAP, SDP, GAP,
RFCOMM/SPP and any other specific protocols and profiles existing in the Host subsystem listing. The design
may also include a Profile Subsystem.
Figure 1: Basic subsystem combination of a controller and host subsystem
The Qualification Process requires each company to registered as a member of the Bluetooth SIG –
http://www.bluetooth.org
The following link provides a link to the Bluetooth Registration page:
https://www.bluetooth.org/login/register/
For each Bluetooth Design it is necessary to purchase a Declaration ID. This can be done before starting the
new qualification, either through invoicing or credit card payment. The fees for the Declaration ID will depend
on your membership status, please refer to the following webpage:
https://www.bluetooth.org/en-us/test-qualification/qualification-overview/fees
For a detailed procedure of how to obtain a new Declaration ID for your design, please refer to the following
SIG document:
https://www.bluetooth.org/DocMan/handlers/DownloadDoc.ashx?doc_id=283698&vId=317486
To start the listing, go to: https://www.bluetooth.org/tpg/QLI_SDoc.cfm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21