Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RM186 Datasheet(PDF) 21 Page - Laird Tech Smart Technology

No. de pieza RM186
Descripción Electrónicos  Updated SIG section with URL to listing
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LSTD [Laird Tech Smart Technology]
Página de inicio  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

RM186 Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button RM186 Datasheet HTML 17Page - Laird Tech Smart Technology RM186 Datasheet HTML 18Page - Laird Tech Smart Technology RM186 Datasheet HTML 19Page - Laird Tech Smart Technology RM186 Datasheet HTML 20Page - Laird Tech Smart Technology RM186 Datasheet HTML 21Page - Laird Tech Smart Technology RM186 Datasheet HTML 22Page - Laird Tech Smart Technology RM186 Datasheet HTML 23Page - Laird Tech Smart Technology RM186 Datasheet HTML 24Page - Laird Tech Smart Technology RM186 Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
LoRa/BLE Modules
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
21
© Copyright 2016 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
UART_TX, UART_RX, UART_RTS, and UART_CTS form a conventional asynchronous serial data port with
handshaking. The interface is designed to operate correctly when connected to other UART devices such as the
16550A. The signaling levels are CMOS logic levels that track VCC, and are inverted with respect to the signaling
on an RS232 cable.
Two-way hardware flow control is implemented by UART_RTS and UART_CTS. UART_RTS is an output and
UART_CTS is an input. Both are active low.
These signals operate according to normal industry convention. UART_RX, UART_TX, UART_CTS, UART_RTS are
all CMOS logic levels that track VCC. For example, when RX and TX are idle they sit at a high logic level (VCC).
Conversely for handshaking pins CTS, RTS at 0 V is treated as an assertion.
The module communicates with the customer application using the following signals (Figure 6):
Port /TXD of the application sends data to the module’s UART_RX signal line
Port /RXD of the application receives data from the module’s UART_TX signal line
Figure 6: UART Signals
Note:
The RM1xx serial module output is at CMOS logic levels that track VCC. Level conversion must be
added to interface to provide an RS-232 level compliant interface.
Some serial implementations link CTS and RTS to remove the need for handshaking. Laird does not recommend
linking CTS and RTS other than for testing and prototyping. If these pins are linked and the host sends data at the
point that the RM1xx deasserts its RTS signal, then there is significant risk that internal receive buffers will
overflow, which could lead to an internal processor crash. This will drop the connection and may require a
power cycle to reset the module. Laird recommends that the correct CTS/RTS handshaking protocol be adhered
to for proper operation.
Table 16: UART Interface
Signal Name
Pin #
I/O Comments
SIO_21/UART_TX
2
O
SIO_21 (alternative function UART_TX) is an output, set high (in FW).
SIO_22/UART_RX
3
I
SIO_22 (alternative function UART_RX) is an input, set with internal pull-
up (in FW).
SIO_23/UART_RTS
4
O
SIO_23 (alternative function UART_RTS) is an output, set low (in FW).
SIO_24/UART_CTS
5
I
SIO_24 (alternative function UART_CTS) is an input, set with internal pull-
down (in FW).
The UART interface is also used to load customer developed smartBASIC application script.
4.5
SPI Bus
The SPI interface is an alternate function on SIO pins, configurable by smartBASIC.
The module is a master device that uses terminals SPI_MOSI, SPI_MISO, and SPI_CLK. SPI_CSB is implemented
using any spare SIO digital output pins to allow for multi-dropping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com